Part Number Hot Search : 
50005 W503YDT TS944IDT G494SD TS944IDT ML4821 D2P6M L9653M
Product Description
Full Text Search
 

To Download BTP1207A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c307a3 issued date : 2015.04.30 revised date : page no. : 1/6 BTP1207A3 cystek product specification general purpose pnp epitaxial planar transistor BTP1207A3 description ? the BTP1207A3 is designed for general purpose amplification. ? large i c , i c( max) = -0.6a ? high bv ceo , bv ceo = -150v ? pb-free lead plating and halogen-free package symbol outline BTP1207A3 to-92 ordering information device package shipping BTP1207A3-0-tb-g to-92 (pb-free lead plating and halogen-free package) 2000 pcs / tape & box BTP1207A3-0-bk-g to-92 (pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton b base c collector e emitte r e c b environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, tb :2000 pcs/tape & box; bk: 1000 pcs / bag, 10 bags/box, 10 boxes/carton product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c307a3 issued date : 2015.04.30 revised date : page no. : 2/6 BTP1207A3 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo -160 v collector-emitter voltage v ceo -150 v emitter-base voltage v ebo -6 v collector current i c -0.6 a power dissipation p d 625 mw operating junction temperature range tj -55~+150 c storage temperature range tstg -55~+150 c thermal characteristics parameter symbol value unit thermal resistance, junction-to-ambient, max r ja 200 c/w characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo -160 - - v i c =-100 a bv ceo -150 - - v i c =-1ma bv ebo -6 - - v i e =-50 a i cbo - - -50 na v cb =-150v i ebo - - -50 na v eb =-6v *v ce(sat) 1 - -0.11 -0.2 v i c =-10ma, i b =-1ma *v ce(sat) 2 - -0.25 -0.4 v i c =-50ma, i b =-5ma *v be(sat) 1 - - -0.9 v i c =-10ma, i b =-1ma *v be(sat) 2 - - -1 v i c =-50ma, i b =-5ma h fe 1 100 - - - v ce =-5v, i c =-1ma h fe 2 120 - 270 - v ce =-5v, i c =-10ma h fe 3 80 - - - v ce =-5v, i c =-50ma f t 100 - - mhz v ce =-10v, i c =-10ma, f=100mhz cob - - 6 pf v cb =-10v, f=1mhz *pulse test: pulse width 380 s, duty cycle 2%
cystech electronics corp. spec. no. : c307a3 issued date : 2015.04.30 revised date : page no. : 3/6 BTP1207A3 cystek product specification typical characteristics current gain vs collector current 1 10 100 1000 0.1 1 10 100 1000 collector current---i c (ma) current gain--- h fe v ce =5v v ce =1v v ce =6v h fe saturation voltage vs collector current 100 1000 10000 1 10 100 1000 collector current---i c (ma) saturation voltage---(mv) v ce(sat) @i c =10i b saturation voltage vs collector current 100 1000 1 10 100 1000 collector current---i c (ma) saturation voltage---(mv) v be(sat) @i c =10i b cutoff frequency vs collector current 10 100 1000 0.1 1 10 100 collector current---i c (ma) cutoff frequency---f t (mhz) f t @v ce =10v capacitance characteristics 1 10 100 0.1 1 10 100 reverse biased voltage---v cb, v eb (v) capacitance---(pf) cib cob f t =1mhz power derating curve 0 100 200 300 400 500 600 700 0 50 100 150 200 ambient temperature --- t a ( ) power dissipation---p d (mw)
cystech electronics corp. spec. no. : c307a3 issued date : 2015.04.30 revised date : page no. : 4/6 BTP1207A3 cystek product specification to-92 taping outline millimeters dim item min. max. a component body height 4.33 4.83 d tape feed diameter 3.80 4.20 d1 lead diameter h2a h2a h2 h2 d2 a h w w1 h3 h4 h1 l1 l p2 p p1 f1 f2 d1 d t2 t t1 0.36 0.53 d2 component body diameter 4.33 4.83 f1,f2 component lead pitch 2.40 2.90 f1,f2 f1-f2 - 0.3 h height of seating plane 15.50 16.50 h1 feed hole location 8.50 9.50 h2 front to rear deflection - 1 h2a deflection left or right - 1 h3 component height - 27 h4 feed hole to bottom of component - 21 l lead length after component removal - 11 l1 lead wire enclosure 2.50 - p feed hole pitch 12.50 12.90 p1 center of seating plane location 5.95 6.75 p2 4 feed hole pitch 50.30 51.30 t over all tape thickness - 0.55 t1 total taped package thickness - 1.42 t2 carrier tape thickness 0.36 0.68 w tape width 17.50 19.00 w1 adhesive tape width 5.00 7.00 - 20 pcs pitch 253 255
cystech electronics corp. spec. no. : c307a3 issued date : 2015.04.30 revised date : page no. : 5/6 BTP1207A3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 5 +1/-1 seconds 260 +0/-5 c recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c307a3 issued date : 2015.04.30 revised date : page no. : 6/6 BTP1207A3 cystek product specification to-92 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1704 0.1902 4.33 4.83 g 0.0142 0.0220 0.36 0.56 b 0.1704 0.1902 4.33 4.83 h - * 0.1000 - * 2.54 c 0.5000 - 12.70 - i - * 0.0500 - * 1.27 d 0.0142 0.0220 0.36 0.56 1 - * 5 - * 5 e - * 0.0500 - * 1.27 2 - * 2 - * 2 f 0.1323 0.1480 3.36 3.76 3 - * 2 - * 2 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . p1207 marking: 3 1 a d b c i 1 e f 2 2 3 date code g h st y le: pin 1.emitter 2.collector 3.base 3-lead t o -92 plastic package cy s t ek p a cka g e code: a 3


▲Up To Search▲   

 
Price & Availability of BTP1207A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X